Part Number Hot Search : 
74F86SCX GRM216 D667A D2037 74VCX08 BTS452 AD7112CN T5504
Product Description
Full Text Search
 

To Download VS-MBRA140TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94301 for tec hnical questions, contact: diodestech@vishay.com www.vishay.com revision: 04-mar-10 1 schottky rectifier, 1.0 a VS-MBRA140TRPBF vishay high power products features ? small foot print, surface mountable ? low forward voltage drop ? high frequency operation ? guard ring for enhanced ruggedness and long term reliability ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? compliant to rohs directive 2002/95/ec ? designed and qualified for industrial level description the VS-MBRA140TRPBF surfa ce mount schottky rectifier has been designed for applic ations requiring low forward drop and very small foot prints on pc boards. typical applications are in disk drive s, switching power supplies, converters, freewheeling diodes, battery charging, and reverse battery protection. product summary i f(av) 1.0 a v r 40 v i rm 26 ma at 125 c s ma cathode anode major ratings and characteristics symbol characteristics values units i f(av) rectangular waveform 1.0 a v rrm 40 v i fsm t p = 5 s sine 120 a v f 1.0 apk, t j = 125 c 0.49 v t j range - 55 to 150 c voltage ratings parameter symbol VS-MBRA140TRPBF units maximum dc reverse voltage v r 40 v maximum working peak reverse voltage v rwm absolute maximum ratings parameter symbol test conditions values units maximum average forward current see fig. 4 i f(av) 50 % duty cycle at t l = 118 c, rectangular waveform on pc board 9 mm 2 island (0.013 mm th ick copper pad area) 1.0 a maximum peak one cycle non-repetitive surge current see fig. 6 i fsm 5 s sine or 3 s rect. pulse following any rated load condition and with rated v rrm applied 120 10 ms sine or 6 ms rect. pulse 30 non-repetitive avalanche energy e as t j = 25 c, i as = 1 a, l = 6 mh 3.0 mj repetitive avalanche current i ar current decaying linear ly to zero in 1 s frequency limited by t j maximum v a = 1.5 x v r typical 1.0 a
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94301 2 revision: 04-mar-10 VS-MBRA140TRPBF vishay high power products schottky rectifier, 1.0 a note (1) pulse width < 300 s, duty cycle < 2 % notes (1) thermal runaway condition fo r a diode on its own heatsink (2) mounted 1" square pcb, thermal probe connected to lead 2 mm from package electrical specifications parameter symbol test conditions values units maximum forward voltage drop see fig. 1 v fm (1) 1 a t j = 25 c 0.55 v 2 a 0.71 1 a t j = 100 c 0.5 2 a 0.65 1 a t j = 125 c 0.49 2 a 0.63 maximum reverse leakage current see fig. 2 i rm (1) t j = 25 c v r = rated v r 0.5 ma t j = 100 c 10 t j = 125 c 26 threshold voltage v f(to) t j = t j maximum 0.36 v forward slope resistance r t 104 m typical junction capacitance c t v r = 10 v dc , t j = 25 c, test signal = 1 mhz 38 pf typical series inductance l s measured lead to lead 5 mm from package body 2.0 nh maximum voltage rate of change dv/dt rated v r 10 000 v/s thermal - mechanical specifications parameter symbol test conditions values units maximum junction and storage temperature range t j (1) , t stg - 55 to 150 c maximum thermal resistance, junction to lead r thjl (2) dc operation see fig. 4 35 c/w maximum thermal resistance, junction to ambient r thja 80 approximate weight 0.07 g 0.002 oz. device marking case style sma (similar d-64) v14 dp tot dt j ------------- 1 r thja -------------- <
document number: 94301 for tec hnical questions, contact: diodestech@vishay.com www.vishay.com revision: 04-mar-10 3 VS-MBRA140TRPBF schottky rectifier, 1.0 a vishay high power products fig. 1 - maximum forward voltage drop characteristics fig. 2 - typical peak reverse current vs. reverse voltage fig. 3 - typical junction capacitance vs. reverse voltage fig. 4 - maximum average forward current vs. allowable lead temperature fig. 5 - maximum average forward dissipation vs. average forward current fig. 6 - maximum peak surge forward current vs. pulse duration note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = 80 % rated v r 0.1 1 10 i f - instantaneous forward current (a) v fm - forward voltage drop (v) 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 t j = 150 c t j = 125 c t j = 100 c t j = 25 c 0.0001 0.1 1.0 10 0.01 0.001 100 i r - reverse current (ma) v r - reverse voltage (v) 10 51520 3540 25 30 0 t j = 150 c t j = 125 c t j = 100 c t j = 75 c t j = 50 c t j = 25 c 10 100 c t - junction capacitance (pf) v r - reverse voltage (v) 10 5152025 35 40 30 0 t j = 25 c 70 80 90 100 110 120 130 150 160 140 allowable case temperature (c) i f(av) - average forward current (a) 5 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 dc see note (1) d = 0.20 d = 0.25 d = 0.33 d = 0.50 d = 0.75 square wave (d = 0.50) rated v r applied 0 0.2 0.6 1.2 1.4 1.0 0.8 0.4 average power loss (w) i f(av) - average forward current (a) 0.8 0.4 1.2 1.6 2.0 2.4 0 dc rms limit d = 0.20 d = 0.25 d = 0.33 d = 0.50 d = 0.75 10 100 i fsm - non-repetitive surge current (a) t p - square wave pulse duration (s) 100 1000 10 000 10 at any rated load condition and with rated v rrm applied following surge
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94301 4 revision: 04-mar-10 VS-MBRA140TRPBF vishay high power products schottky rectifier, 1.0 a ordering information table 2 - schottky mbr series 3 - a = sma 4 - current rating (1 = 1 a) 5 - voltage rating (40 = 40 v) device code 5 13 24 67 vs- mbr a 1 40 tr pbf 1 - hpp product suffix 6 - tr = tape and reel (7500 pieces) - pbf = lead (pb)-free 7 links to related documents dimensions www.vishay.com/doc?95018 part marking information www.vishay.com/doc?95029 packaging information www.vishay.com/doc?95034
document number: 95018 for technical questions concer ning discrete products, cont act: diodes-tech@vishay.com www.vishay.com revision: 25-jun-07 for technical qu estions concerning module products , contact: ind-modules@vishay.com 1 sma outline dimensions vishay high power products dimensions in millimeters (inches) 2.50 (0.098) 2.90 (0.114) 4.00 (0.157) 4.60 (0.181) 1.40 (0.055) 1.60 (0.062) 0.152 (0.006) 0.305 (0.012) 2.00 (0.078) 2.44 (0.096) 0.76 (0.030) 1.52 (0.060) 0.103 (0.004) 0.203 (0.008) 4.80 (0.188) 5.28 (0.208) 2.10 max. (0.085 max. ) 5.53 (0.218) 1.27 min. (0.050 min.) 1.47 min. (0.058 min.) soldering pad 12 1 2 polarity part number
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VS-MBRA140TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X